Part Number Hot Search : 
TSOP1130 KC818A PM2301 P125T 8162Z C5200 TZQ5235B BM15A000
Product Description
Full Text Search
 

To Download PWR1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
3 WATTS UNREGULATED DC/DC CONVERTERS
PWR12XX
DESCRIPTION
The PWR12XX Series offers a broad line of low-cost, highperformance, unregulated, single and dual output DC/DC converters in a 24-pin DIP package. These miniature converters offer better performance and lower cost in industry-standard packages and pinouts. The PWR12XX Series is internally filtered. No external parts are necessary. Surface mounted components and a low thermal resistance encapsulant allow for superior reliability, excellent thermal dissipation, and an extended temperature range of -25C to +85C at no extra cost.
FEATURES
LOW COST INDUSTRY-STANDARD PACKAGE SINGLE AND DUAL OUTPUTS 24-PIN DIP PACKAGE BUILT-IN STANDOFFS INTERNAL INPUT AND OUTPUT FILTERING
The PWR12XX Series is ideal for use on high-density PC boards where isolated, unregulated, power is needed. Standoffs allow for PC board cleaning, helping preserve isolation. They also allow for visual inspection of solder joints.
MECHANICAL
TOP VIEW SIDE VIEW
0.400+0.010 (10.16)
NC = Do Not Connect Duplicate pin functions are internally connected. All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters) PIN PLACEMENT TOLERANCE: 0.015"
.805+0.010 (20.45)
PWR12XX
.010+.005 (0.25) 0.170 MIN (4.32)
1.270+0.010 (32.25)
0.100+0.015 (2.54)
.020+0.002 (0.51)
PIN #
1 2 3 10 11 12
SINGLES
+VIN NC NC -VOUT +VOUT -VIN -VIN +VOUT -VOUT NC NC +VIN
DUALS
+VIN -VOUT Common Common +VOUT -VIN -VIN +VOUT Common Common -VOUT +VIN
BOTTOM VIEW
1 23 10 11 12
MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range, and good electrical properties under high humidity environments. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is brass with a solder plated surface to allow ease of solderability.
24 23 22 15 14 13
0.60 15.23 (.1025) 2.601
13 14 15 22 23 24
Internet: http://www.cdpowerelectronics.com Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 800.547.2537 Fax: 520.295.4197 PWR12XX 11/98 REV C Power Electronics Division, Europe C&D Technologies (Power Electronics) Ltd. 132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141 Page 1
ELECTRICAL SPECIFICATIONS
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise noted. NOMINAL INPUT VOLTAGE MODEL PWR1200 PWR1201 PWR1202 PWR1203 PWR1204 PWR1205 PWR1206 PWR1207 PWR1208 PWR1209 PWR1210 PWR1211 PWR1212 PWR1213 PWR1214 PWR1215 PWR1216 PWR1217 PWR1218 PWR1219 PWR1220 PWR1221 PWR1222 PWR1223 PWR1240 PWR1241 PWR1242 PWR1243 (VDC) 5 5 5 5 5 5 12 12 12 12 12 12 15 15 15 15 15 15 24 24 24 24 24 24 5 12 15 24 RATED OUTPUT VOLTAGE (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 9 9 9 9 RATED OUTPUT CURRENT (mA) 600 250 200 300 125 100 600 250 200 300 125 100 600 250 200 300 125 100 600 250 200 300 125 100 333 333 333 333 INPUT CURRENT NO LOAD (mA) 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 RATED LOAD (mA) 800 800 800 800 800 800 330 330 330 330 330 330 265 265 265 265 265 265 165 165 165 165 165 165 800 330 265 165 REFLECTED RIPPLE CURRENT (mAp-p) 45 45 45 45 45 45 25 25 25 25 25 25 20 20 20 20 20 20 20 20 20 20 20 20 45 25 20 20
COMMON SPECIFICATIONS
Specifications typical at TA = +25C, rated input voltage, rated output current unless otherwise noted. PARAMETER INPUT Voltage Range CONDITIONS MIN 4.5 10.8 13.5 21.6 500 500 10 90 10 3 3 0.02 150 10 30 7 15 18 1.2 6 12 150 700 75 -25 -40 -40 +25 +85 +125 +125 TYP 5 12 15 24 MAX 5.5 13.2 16.5 26.4 UNITS VDC VDC VDC VDC VDC Vpk GW pF Arms W % %/%C mVp-p mVrms mVp-p VDC VDC VDC %/%VIN % g kHz kHr % C C C
ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Temperature Coefficient Ripple and Noise (BW = DC to 20MHz)
60 Hz, 10 Seconds
VISO = 240VAC, 60HZ
Rated Load, Nominal VIN
5
Voltage
No External Components 10F Across Each Output 10F Across Each Output No Load,VOUT = +5V No Load,VOUT = 12V No Load,VOUT = 15V No Load To Rated Load
Line Regulation Load GENERAL Package Weight Switching Frequency MTTF per MIL-HDBK-217, Rev E* Efficiency TEMPERATURE Specification Operation Storage
Circuit Stress Method
* For demonstrated MTTF results reference Power Convertible's Reliability Report PWR1205
Page 2
PWR12XX 11/98
REV C
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ................................................... Momentary Internal Power Dissipation .................................................................. 1.3W Lead Temperature (soldering, 10 seconds max) ............................ +300C
APPLICATION NOTES
UNBALANCED LOADS Unbalanced loads may be used on dual output models with either side providing up to its rated current. Output voltages, by design, will track each other in an unbalanced state within 10% of one another. OUTPUT NOISE Output noise can be reduced to 30mVp-p, typically, by adding a 10F tantalum capacitor with an equivalent series resistance (ESR) of less than 150mW at 10kHz across each output.
ORDERING INFORMATION
PWR
Device Family PWR indicates DC/DC converter Model Number Selected from Table of Electrical Characteristics
12XX
TYPICAL PERFORMANCE CURVES
TA = +25C, Rated Input Voltage, Rated Output Current unless otherwise noted.
PWR12XX
11/98
REV C
Page 3
TYPICAL PERFORMANCE CURVES
TA = +25C, Rated Input Voltage, Rated Output Current unless otherwise noted.
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user's intended purpose and in user's specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Page 4
PWR12XX 11/98
REV C


▲Up To Search▲   

 
Price & Availability of PWR1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X